Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC5455 Datasheet(PDF) 49 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 49 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 45Page - Connor-Winfield Corporation STC5455 Datasheet HTML 46Page - Connor-Winfield Corporation STC5455 Datasheet HTML 47Page - Connor-Winfield Corporation STC5455 Datasheet HTML 48Page - Connor-Winfield Corporation STC5455 Datasheet HTML 49Page - Connor-Winfield Corporation STC5455 Datasheet HTML 50Page - Connor-Winfield Corporation STC5455 Datasheet HTML 51Page - Connor-Winfield Corporation STC5455 Datasheet HTML 52Page - Connor-Winfield Corporation STC5455 Datasheet HTML 53Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Page 49 of 56
TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Noise Transfer Functions
User may write to register Loop Bandwidth to set the PLL loop bandwidth for each timing generator. The
noise transfer function of the PLL filter is determined by the loop bandwidth. Figure 11 shows the noise transfer
functions as the loop bandwidth vary from 100mHz to 103Hz.
Figure 11: Noise Transfer Functions
-80 dB
-60 dB
-40 dB
-20 dB
0 dB
20 dB
10 mHz
100 mHz
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
Noise Frequency
0.10 Hz
0.21 Hz
0.42 Hz
0.84 Hz
1.7 Hz
3.4 Hz
6.7 Hz
13 Hz
27 Hz
52 Hz
103 Hz
-3dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com