Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC5455 Datasheet(PDF) 10 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 10 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 6Page - Connor-Winfield Corporation STC5455 Datasheet HTML 7Page - Connor-Winfield Corporation STC5455 Datasheet HTML 8Page - Connor-Winfield Corporation STC5455 Datasheet HTML 9Page - Connor-Winfield Corporation STC5455 Datasheet HTML 10Page - Connor-Winfield Corporation STC5455 Datasheet HTML 11Page - Connor-Winfield Corporation STC5455 Datasheet HTML 12Page - Connor-Winfield Corporation STC5455 Datasheet HTML 13Page - Connor-Winfield Corporation STC5455 Datasheet HTML 14Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Page 10 of 56 TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Master Clock Frequency
The STC5455 supports four frequencies of master clock: 10MHz, 12.8MHz, 19.2MHz, and 20MHz. See Chip
Master Clock for details. Initial default accepted frequency of MCLK is 12.8MHz.
Table 3: Master Clock Frequency
10MHz
12.8MHz (Initial default frequency)
19.2MHz
20MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com