Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC5455 Datasheet(PDF) 33 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 33 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 29Page - Connor-Winfield Corporation STC5455 Datasheet HTML 30Page - Connor-Winfield Corporation STC5455 Datasheet HTML 31Page - Connor-Winfield Corporation STC5455 Datasheet HTML 32Page - Connor-Winfield Corporation STC5455 Datasheet HTML 33Page - Connor-Winfield Corporation STC5455 Datasheet HTML 34Page - Connor-Winfield Corporation STC5455 Datasheet HTML 35Page - Connor-Winfield Corporation STC5455 Datasheet HTML 36Page - Connor-Winfield Corporation STC5455 Datasheet HTML 37Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Page 33 of 56
TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
0 = mask out, 1 = enable
Event0: Reference qualification status changed
Event1: Reserved
Event2: T0 selected reference changed in auto-selection mode
Event3: T0 PLL status changed
Event4: T0 timing generator’s event out is asserted
Event5: T4 selected reference changed in auto-selection mode
Event6: T4 PLL status changed
Event7: T4 timing generator’s event out is asserted
Default value: 0
Interrupt_Config, 0x1C (R/W)
Signal active state
Specify the signal active state at pin EVENT_INTR
0 = active low. 1 = active high
Idle state
Specify the idle state of pin EVENT_INTR when no interrupt event occurs.
0 = tri-state. 1 = logic inactive
Default value: 0
Hard-wired_Switch_Pre_Selection, 0x1D (R/W)
Pre select reference number 1 and reference number 2 in hard-wired manual reference selection mode. This
mode is controlled by pin SRCSW. When pin SRCSW is LOW, reference number 1 is pre-selected. When pin
SRCSW is HIGH, reference number 2 is pre-selected. It can be configured only when bit7 of Control_Mode
register is set to 1 (See register Control_Mode).
Default value: 0
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x1C
Not used
Idle state
Signal active state
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x1D
Pre-selected reference number 2
Pre-selected reference number 1
Field Value
Selection
0
Freerun
1~5
Ref1~Ref5
13
Holdover
14~15
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com