Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC5455 Datasheet(PDF) 46 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 46 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 42Page - Connor-Winfield Corporation STC5455 Datasheet HTML 43Page - Connor-Winfield Corporation STC5455 Datasheet HTML 44Page - Connor-Winfield Corporation STC5455 Datasheet HTML 45Page - Connor-Winfield Corporation STC5455 Datasheet HTML 46Page - Connor-Winfield Corporation STC5455 Datasheet HTML 47Page - Connor-Winfield Corporation STC5455 Datasheet HTML 48Page - Connor-Winfield Corporation STC5455 Datasheet HTML 49Page - Connor-Winfield Corporation STC5455 Datasheet HTML 50Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
Page 46 of 56
TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Field_Upgrade_Data, 0x71 (R/W)
Writes the firmware configuration data (7600 bytes) to this register one byte at a time to complete data loading.
Only the last written byte can be read from this register, regardless of how many times of reads performed.
Default value: 0
Field_Upgrade_Count, 0x72 (R)
Reads this register for how many bytes of 7600 bytes firmware configuration data has been loaded through the
register Field_Upgrade_Data.
Default value: 0
Field_Upgrade_Start, 0x74 (W)
If bit READY of the register Field Upgrade Status is set to 1, user can write three values to this register con-
secutively, with no intervening read/writes from/to other registers to start the process of field upgrade. 7600
bytes firmware configuration data can only start loading after the three values are written successfully.
MCLK_Freq_Reset, 0x7F (R/W)
Register Writes:
Select accepted frequency of MCLK input by writing the associated value to this register three times consecu-
tively, with no intervening read/writes from/to other register. The associated values for the four accepted fre-
quency (10MHz, 12.8MHz, 19.2MHz, 20MHz) are as shown in table below. Three times of consecutive writes
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x71
Field upgrade of firmware configuration data
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x72
Lower 8 bits of byte count for firmware configuration data
0x73
Not used
Higher 5 bits of byte count for firmware configuration data
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x74
Start field upgrade
Write Sequence
Bit 7 ~ 0
First
0x51
Second
0x52
Third
0x53
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x7F
External oscillator frequency selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com