Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC5455 Datasheet(PDF) 18 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 18 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 14Page - Connor-Winfield Corporation STC5455 Datasheet HTML 15Page - Connor-Winfield Corporation STC5455 Datasheet HTML 16Page - Connor-Winfield Corporation STC5455 Datasheet HTML 17Page - Connor-Winfield Corporation STC5455 Datasheet HTML 18Page - Connor-Winfield Corporation STC5455 Datasheet HTML 19Page - Connor-Winfield Corporation STC5455 Datasheet HTML 20Page - Connor-Winfield Corporation STC5455 Datasheet HTML 21Page - Connor-Winfield Corporation STC5455 Datasheet HTML 22Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Page 18 of 56 TM121 Rev: P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Functional Specification
Data sheet
Preliminary
tory. This history is accumulated by a built in program-
mable short-term history accumulator consecutively,
which indicates the latest updated fractional fre-
quency offset of the synchronous clock output of each
timing generator. The user can read the short-term
history from register Short Term Accu History.
Holdover Mode
Holdover mode is used when none of reference
inputs is available and the holdover history has been
built. In this condition, the frequency offset of the
clock output is maintained closely to previous value
generated when the selected reference input was
valid. User can select either device holdover history
or user specified holdover history at the register Con-
trol Mode in holdover mode.
PLL Event In
The STC5455 provides direct communication with the
PLL’s timing generator by writing to the register PLL
Event In. Following events can be triggered:
- Relock. PLL starts a relock process if this event is trig-
gered. In frame phase align mode, PLL relocks to the ref-
erence input and the frame edge is re-selected as well.
In phase arbitrary mode, PLL relocks to the reference
input and restart the phase rebuild process.
Frequency and Phase Transients
Severe frequency and phase transients of the clock
output will cause lost of lock or buffer overflow/under-
flow on downstream circuit. By providing programma-
ble maximum slew rate and phase rebuild function,
both frequency and phase transient of the STC5455’s
clock output is controlled to minimize the impact on
downstream circuits.
Frequency Transients
The STC5455 smoothly control the frequency tran-
sient on the clock output. During reference input
switching or operation mode switching (etc., enter fre-
erun or holdover mode), if the clock output prior to
switching has different frequency offset than the
desired clock output, it smoothly approach to desired
frequency offset with a maximum acceleration/decel-
eration rate by writing to the register History Ramp.
The maximum slew rate can be programmed as 1.0,
1.5, 2.0 ppm/second. With a limited acceleration/
deceleration rate, the pull-in process may last longer.
However, it will minimize the frequency transient
impact to the downstream clock and ensure meeting
components frequency impact tolerance.
Phase Transients
The STC5455 minimize the variation of the phase
transient on the clock output when a phase hit occurs
on the selected reference input. The overshoot in the
clock output’s phase transient response will be a
small amount under 2%.
During reference input switching or recovering from
LOS/LOL condition, the phase transient may also
occurred on the clock output. The STC5455 can mini-
mize it with a phase rebuild function. In synchronized
mode, the phase relationship between the reference
input and the clock output can be programmed to
phase arbitrary or frame phase align at the register
Frame Phase Align. If phase arbitrary is selected, a
phase rebuild function is performed before locking to
the new/recovered reference input. Hit-less switching
is achieved with this function and the phase hit to
downstream circuits is eliminated. If frame phase
align is selected, the reference input is in frame
phase alignment with the clock output. Only T0 timing
generator supports frame phase alignment.
History of Fractional Frequency
Offset
The STC5455 monitors and tracks the fractional fre-
quency offset between the clock output and MCLK.
The history data of the frequency offset is used by
clock synthesizers to generate desire outputs while
the timing generator is pending for reference input
availability. Two weighted 3rd order low-pass filter are
used internally as two history accumulators: the short
term history accumulator and the long term history
accumulator. A mature long term history is stored and
further updated as device holdover history. It is used
when the STC5455 operates in holdover mode. In
addition, the STC5455 allows user to program an
user specified history as needed of the application.
Short-Term History
Short-term history is an average frequency offset
between the clock output and MCLK which is filtered
internally using a weighted 3rd order low-pass filter
with the small time constant. The -3dB filter response
point can be programmed from 0.16Hz to 1.3Hz by
writing to the register History Ramp register. Short-
term
history
can
be
read
from
the
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com