Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC5455 Datasheet(PDF) 6 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 6 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 2Page - Connor-Winfield Corporation STC5455 Datasheet HTML 3Page - Connor-Winfield Corporation STC5455 Datasheet HTML 4Page - Connor-Winfield Corporation STC5455 Datasheet HTML 5Page - Connor-Winfield Corporation STC5455 Datasheet HTML 6Page - Connor-Winfield Corporation STC5455 Datasheet HTML 7Page - Connor-Winfield Corporation STC5455 Datasheet HTML 8Page - Connor-Winfield Corporation STC5455 Datasheet HTML 9Page - Connor-Winfield Corporation STC5455 Datasheet HTML 10Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Page 6 of 56
TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
STC5455 Pin Description
CLK1, REF4 and REF5 are LVPECL/LVDS. Other I/O is LVCMOS.
Table 1: Pin Description
Pin Name
Pin #
I/O
Description
AVCC
4,14
3.3V analog power input
AGND
3,15
Analog ground
VCC
8, 9, 12,
22, 32,
36, 38,
39, 45,
46, 54,
57
3.3V digital power input
GND
1, 7, 10,
11, 21,
31, 40,
53, 58
Digital ground
TRST
37
I
JTAG boundary scan reset, active low
TCK
49
I
JTAG boundary scan clock
TMS
41
I
JTAG boundary scan mode selection
TDI
51
I
JTAG boundary scan data input
TDO
50
O
JTAG boundary scan data output
RST
48
I
Active low to reset the chip
MCLK
6
I
Master clock input (TCXO or OCXO)
EVENT_INTR
5
O
Event interrupt
EX_SYNC1
28
I
External Frame Sync input 1
EX_SYNC2
33
I
External Frame Sync input 2
EX_SYNC3
35
I
External Frame Sync input 3
REF1
29
I
Reference input 1
REF2
30
I
Reference input 2
REF3
34
I
Reference input 3
REF4_P
23
I
Differential reference input 4 (LVPECL/LVDS)
REF4_N
24
I
Differential reference input 4 (LVPECL/LVDS)
REF5_P
25
I
Differential reference input 5 (LVPECL/LVDS)
REF5_N
26
I
Differential reference input 5 (LVPECL/LVDS)
CLK1_P
19
O
Clock output CLK1 positive. 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G1
LVPECL or LVDS
CLK1_N
20
O
Clock output CLK1 negative, 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G1
LVPECL or LVDS
CLK2
56
O
Clock output CLK2 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G2; 2.048MHz
from Synthesizer GT4 (T4); Frame8K or Frame2K from Synthesizer F. LVCMOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com