Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC5455 Datasheet(PDF) 13 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 13 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 9Page - Connor-Winfield Corporation STC5455 Datasheet HTML 10Page - Connor-Winfield Corporation STC5455 Datasheet HTML 11Page - Connor-Winfield Corporation STC5455 Datasheet HTML 12Page - Connor-Winfield Corporation STC5455 Datasheet HTML 13Page - Connor-Winfield Corporation STC5455 Datasheet HTML 14Page - Connor-Winfield Corporation STC5455 Datasheet HTML 15Page - Connor-Winfield Corporation STC5455 Datasheet HTML 16Page - Connor-Winfield Corporation STC5455 Datasheet HTML 17Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Page 13 of 56 TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Clock Output Jitter
Note 2: Filter bandwidth is from 12kHz to Frequency/2
Table 6: Clock Output Jitter
Clock Output
Frequency
RMS jitter2
(Typical)
pk-pk jitter2 (10-12)
(Typical)
(MHz)
(ps)
(ps)
(UI)
CLK1
(LVPECL/LVDS)
156.25
13
210
0.03
155.52
13
210
0.03
125
13
210
0.03
77.76
13
210
0.02
CLK2 (LVCMOS)
77.76
19
330
0.03
38.88
16.5
280
0.01
19.44
15
230
0.005
25
13
180
0.005
2.048
11
180
0.0004
1.544
11
160
0.0003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com