Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5P2553 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 4 Page - NXP Semiconductors

  NX5P2553_15 Datasheet HTML 1Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 2Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 3Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 4Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 5Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 6Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 7Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 8Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
NX5P2553
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2015
4 of 24
NXP Semiconductors
NX5P2553
Precision adjustable current-limited power switch
8.1 EN input
When EN is set to LOW, the N-channel MOSFET is disabled and the device enters a
low-power mode. In low-power mode, all protection circuits are disabled and the FAULT
output is set to high-impedance state. When EN is set to HIGH, all protection circuits are
enabled. If no fault conditions exist, the N-channel MOSFET is enabled.
8.2 UnderVoltage LockOut (UVLO)
The UVLO circuit is active until VIN > 2.35 V. It disables the N-channel MOSFET and
switches the device back to low-power mode. It occurs irrespective of the logic level on
the EN pin. Once VIN > 2.35 V, the EN pin controls the N-channel MOSFET state. The
UVLO circuit remains active in low-power mode.
8.3 ILIM
The OverCurrent Protection (OCP) circuit trigger value Iocp is set using an external
resistor connected to the ILIM pin as shown in Figure 8. If EN is set to HIGH and the ILIM
pin is grounded, the N-channel MOSFET is disabled and the FAULT output is set to LOW.
8.4 OverCurrent Protection (OCP)
Three possible overcurrent conditions can occur. They are:
• Overcurrent at start-up, ISW > Iocp when enabling the N-channel MOSFET
• Overcurrent when enabled, ISW > Iocp when the N-channel MOSFET is enabled
• Short-circuit when enabled, ISW > 4  Iocp (typical)
8.4.1 Overcurrent at start-up
If the device senses a short or overcurrent while enabling the N-channel MOSFET, OCP is
triggered. It limits the output current to Iocp and after the deglitch time sets the FAULT
output to LOW, as shown in Figure 22. Increased power dissipation combined with the
OTP may lead to temperature cycling.
8.4.2 Overcurrent when enabled
When enabled, if the device senses ISW > Iocp, the OCP is triggered. It limits the output
current to Iocp and after the deglitch time sets the FAULT output to LOW. Limiting the
output current reduces VO(VOUT), as shown in Figure 20 and Figure 21. Increased power
dissipation combined with the OTP may lead to temperature cycling.
8.4.3 Short-circuit when enabled
When enabled, if the device senses ISW > 4  Iocp, a short-circuit is detected. The device
disables the N-channel MOSFET immediately. It then enables the N-channel MOSFET,
output current is limited to Iocp and after the deglitch time, the FAULT output is set to LOW
as shown in Figure 16 to Figure 19. Increased power dissipation combined with the OTP
may lead to temperature cycling.
8.5 Reverse-Voltage Protection (RVP)
If VOUT exceeds VIN by 140 mV for the deglitch time, RVP protects the device by
disabling the N-channel MOSFET. When the reverse voltage condition is removed for the
deglitch time, the N-channel MOSFET is enabled as shown in Figure 14 and Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com