Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5P2553 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NX5P2553_15 Datasheet HTML 2Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 3Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 4Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 5Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 6Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 7Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 8Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 9Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
NX5P2553
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2015
6 of 24
NXP Semiconductors
NX5P2553
Precision adjustable current-limited power switch
10. Recommended operating conditions
[1]
Current-limit threshold resistor range from ILIM to GND.
11. Thermal characteristics
[1]
Rth(j-a) is dependent upon board layout. To minimize Rth(j-a), ensure that all pins have a solid connection to larger copper layer areas. In
multi-layer PCBs, the second layer should be used to create a large heat spreader area below the device. Avoid using solder-stop
varnish under the device.
12. Static characteristics
Table 6.
Operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VI
input voltage
input VIN
2.5
5.5
V
input EN
0
5.5
V
ISW
switch current
Tj = 40 C to +125 C0
1.2
A
Tj = 40 C to +105 C0
1.5
A
IO(sink)
output sink current
output FAULT
10
-
mA
RILIM
current limit resistance
input ILIM
[1] 15
232
k
Cdec
decoupling capacitance
VIN and VOUT to GND
0.1
-
F
Tamb
ambient temperature
40
+85
C
Tj
junction temperature
ISW < 1.2 A
40
+125
C
ISW < 1.5 A
40
+105
C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to
ambient
NX5P2553GV
[1] 133
K/W
NX5P2553GU
[1] 105
K/W
NX5P2553GU6
[1] 93
K/W
Table 8.
Static characteristics
At recommended operating conditions; VI(VIN) = VI(EN) and RFAULT = 10 kunless otherwise specified; voltages are
referenced to GND (ground = 0 V); see Figure 4, Figure 5, Figure 6, and Figure 11.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VIH
HIGH-level input voltage
EN input; VI(VIN) = 2.5 V to 5.5 V
1.3
-
-
V
VIL
LOW-level input voltage
EN input; VI(VIN) = 2.5 V to 5.5 V
-
-
0.56
V
ILI
input leakage current
EN input; VI(VIN) = 2.5 V to 5.5 V;
VI(EN) = 0 V or 5.5 V
--
0.5
A
IVIN
supply current
VOUT open; VI(VIN) =5.5 V
EN = GND (low-power mode)
-
0.3
1
A
EN = VI(VIN); Rext = 20 k
-
160
225
A
EN = VI(VIN); Rext = 210 k
-
135
200
A
IOFF
power-off leakage current
VOUT; Tj = 25 C; VI(VIN) =0V;
VO(VOUT) = 5.5 V
-0.1
1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com