Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5P2553 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 3 Page - NXP Semiconductors

  NX5P2553_15 Datasheet HTML 1Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 2Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 3Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 4Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 5Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 6Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 7Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 8Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
NX5P2553
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2015
3 of 24
NXP Semiconductors
NX5P2553
Precision adjustable current-limited power switch
7.
Pinning information
7.1 Pinning
7.2 Pin description
[1]
Connect a decoupling capacitance with a minimum value of 0.1
F as close as possible to the input VIN.
8.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
(1) This pad is not a supply pin. The substrate is attached to
the pad using conductive die attach material. It is used
for heat sink purpose. The solder land should be
connected to GND.
Fig 2.
Pin configuration SOT457 (TSOP6)
Fig 3.
Pin configuration SOT1189-1 and SOT1348-1
(HXSON6)
NX5P2553
VIN
VOUT
GND
EN
FAULT
aaa-011068
1
2
3
6
ILIM
5
4
aaa-011069
NX5P2553
Transparent top view
16
VOUT
VIN
25
ILIM
GND
34
FAULT
EN
(1)
Table 3.
Pin description
Symbol
Pin
Description
TSOP6
HXSON6
VOUT
6
1
output voltage
ILIM
5
2
current limiter I/O
FAULT
4
3
fault condition indicator (open-drain; active LOW)
EN
3
4
enable input (active HIGH)
GND
2
5
ground (0 V)
VIN
1
6
input voltage[1]
Table 4.
Function table[1]
Input EN
Switch
L
switch OFF
H
switch ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com