Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5P2553 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button NX5P2553_15 Datasheet HTML 6Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 7Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 8Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 9Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 10Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 11Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 12Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 13Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
NX5P2553
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2015
10 of 24
NXP Semiconductors
NX5P2553
Precision adjustable current-limited power switch
12.5 Current limit graph
12.6 Thermal shutdown
13. Dynamic characteristics
Fig 8.
Typical overcurrent protection current versus external resistor value RILIM
RILIM (kΩ)
15
240
195
105
150
60
aaa-011075
1800
Iocp
(mA)
0
300
600
900
1200
1500
Table 11.
Thermal shutdown
VI(VIN) = VI(EN) and RFAULT = 10 kunless otherwise specified; voltages are referenced to GND (ground = 0 V); see Figure 11.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tth(ots)
overtemperature shutdown
threshold temperature
in normal mode
155
-
-
C
in current limit mode
130
-
-
C
Tth(ots)hys
overtemperature shutdown
threshold temperature hysteresis
in normal mode
-
30
-
C
in current limit mode
-
12
-
C
Table 12.
Characteristics
At recommended operating conditions; VI(VIN) = VI(EN) and RFAULT = 10 kunless otherwise specified; voltages are referenced
to GND (ground = 0 V); see Figure 9, Figure 10, Figure 11, Figure 12, Figure 13, Figure 14, Figure 15, Figure 16, and
Figure 22.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
tTLH
LOW to HIGH output transition
time
VOUT; VI(VIN) =5.5 V
-
1.2
1.5
ms
VOUT; VI(VIN) =2.5 V
-
0.5
1.0
ms
tTHL
HIGH to LOW output transition
time
VOUT; VI(VIN) = 5.5 V
0.2
-
0.5
ms
VOUT; VI(VIN) = 2.5 V
0.2
-
0.5
ms
ten
enable time
EN to VOUT;
VI(VIN) =5.5 V
[2] --3
ms
tdis
disable time
EN to VOUT;
VI(VIN) =5.5 V
[3] --3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com