Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5P2553 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button NX5P2553_15 Datasheet HTML 11Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 12Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 13Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 14Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 15Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 16Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 17Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 18Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
NX5P2553
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2015
15 of 24
NXP Semiconductors
NX5P2553
Precision adjustable current-limited power switch
VI(VIN) = 5 V; RILIM = 20 k; RL = 1 .
(1) VO(VOUT)
(2) VO(FAULT)
(3) IVIN
VI(VIN) = 5 V; RILIM = 20 k; RL = 1 .
(1) VO(VOUT)
(2) VO(FAULT)
(3) IVIN
Fig 20. 1
 load to no-load response
Fig 21. No-load to 1
 load response
IVIN
(A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
1
2
3
4
5
VO(VOUT)
VO(FAULT)
(V)
t (ms)
0
50
100
aaa-011085
(2)
(1)
(3)
load removed
IVIN
(A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
1
2
3
4
5
VO(VOUT)
VO(FAULT)
(V)
t (ms)
0
5
10
20
15
25
30
aaa-011086
(2)
(3)
(1)
load applied
VI(VIN) = 5 V; RILIM = 20 k.
(1) VO(VOUT)
(2) VO(FAULT)
(3) IVIN
Fig 22. Device enabled into short-circuit
IVIN
(A)
0
0.5
1
1.5
2
2.5
3
0
1
2
3
4
5
VO(VOUT)
VO(FAULT)
(V)
t (ms)
1
5
10
15
20
aaa-011087
(1)
(3)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com