Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5P2553 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NX5P2553_15 Datasheet HTML 3Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 4Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 5Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 6Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 7Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 8Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 9Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 10Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NX5P2553
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2015
7 of 24
NXP Semiconductors
NX5P2553
Precision adjustable current-limited power switch
[1]
Typical values are measured at Tj = 25 C.
12.1 Graphs
IS(OFF)
OFF-state leakage current VOUT; Tj = 25 C; VI(VIN) =5.5 V;
VO(VOUT) = 0 V to 5.5 V
-
0.1
1
A
Vtrip
trip level voltage
RVP; VI(VIN) = 2.5 V to 5.5 V
80
140
195
mV
VUVLO
undervoltage lockout
voltage
VIN input
-
2.35
2.45
V
Vhys(UVLO)
undervoltage lockout
hysteresis voltage
-25
-mV
VOL
LOW-level output voltage
FAULT; VI(VIN) = 2.5 V to 5.5 V;
IO =1 mA
-
-
180
mV
IOZ
OFF-state output current
FAULT; VI(VIN) =5.5 V;
VO(FAULT) = 5.5 V
--
1
A
Table 8.
Static characteristics …continued
At recommended operating conditions; VI(VIN) = VI(EN) and RFAULT = 10 kunless otherwise specified; voltages are
referenced to GND (ground = 0 V); see Figure 4, Figure 5, Figure 6, and Figure 11.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VI(EN) = GND; RILIM = 20 k.
(1) VI(VIN) = 2.5 V
(2) VI(VIN) = 5.5 V
VI(EN) = VI(VIN); RILIM = 20 k.
(1) VI(VIN) = 2.5 V
(2) VI(VIN) = 5.0 V
(3) VI(VIN) = 5.5 V
Fig 4.
Typical supply current versus junction
temperature when VI(EN) = GND
Fig 5.
Typical supply current versus junction
temperature when VI(EN) = VI(VIN)
Tj (°C)
-40
85
60
10
35
-15
aaa-011070
276
344
208
412
480
IVIN
(nA)
140
(1)
(2)
Tj (°C)
-50
150
110
30
70
-10
aaa-011072
80
120
40
160
200
IVIN
(μA)
0
(3)
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com