Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5P2553 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 1 Page - NXP Semiconductors

  NX5P2553_15 Datasheet HTML 1Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 2Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 3Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 4Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 5Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 6Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 7Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 8Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.
General description
The NX5P2553 is a precision adjustable current-limited power switch. The device
includes undervoltage lockout, overtemperature, and reverse bias protection circuits
designed to isolate the switch terminals when a fault condition occurs. It also has an
overcurrent protection circuit to limit the output current. The device features two power
switch terminals, one input (VIN), and one output (VOUT). It also consists of a current limit
input (ILIM) for defining the overcurrent limit, an open-drain fault output (FAULT) to
indicate when a fault condition has occurred, and an enable input (EN) to control the state
of the switch.
The overcurrent limit threshold can be programmed between 85 mA and 1.8 A using an
external resistor between the ILIM and GND pins. The device has built-in soft-start. This
feature controls the output rise time by minimizing current surges when the switch is
enabled.
Designed for operation from 2.5 V to 5.5 V, it is used in power domain isolation
applications to protect from out of range operation. The enable input includes integrated
logic level translation making the device compatible with lower voltage processors and
controllers.
2.
Features and benefits
Wide supply voltage range from 2.5 V to 5.5 V
ISW maximum 1.5 A continuous current
6 % current-limit accuracy at 1.8 A (typical)
Meets USB current-limiting requirements
Adjustable current limit from 85 mA to 1800 mA (typical)
Constant current mode in overcurrent situation
Overtemperature protection
Very low ON resistance: 95 m
 (typical) for TSOP6 package
Fast short-circuit switch-off response (2.0
s typical)
ILIM short detection
Reverse input-output voltage protection
Built-in soft-start
ESD protection:
HBM ANSI/ESDA/JEDEC JS-001-2012 Class 2 exceeds 2000 V
CDM JESD22-C101D exceeds 500 V
IEC61000-4-2 contact discharge exceeds 8 kV for VOUT (with external
capacitance)
Specified from
40 Cto+85 C ambient temperature
NX5P2553
Precision adjustable current-limited power switch
Rev. 1 — 6 July 2015
Product data sheet


Similar Part No. - NX5P2553_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX5P2090 NXP-NX5P2090 Datasheet
644Kb / 20P
Logic controlled high-side power switch
Rev. 2.1 ??15 January 2015
NX5P2090UK NXP-NX5P2090UK Datasheet
644Kb / 20P
Logic controlled high-side power switch
Rev. 2.1 ??15 January 2015
NX5P2090 PHILIPS-NX5P2090_15 Datasheet
644Kb / 20P
Logic controlled high-side power switch
Rev. 2.1-15 January 2015
NX5P2190 NXP-NX5P2190 Datasheet
628Kb / 20P
Logic controlled high-side power switch
Rev. 1.1 ??15 January 2015
NX5P2190UK NXP-NX5P2190UK Datasheet
628Kb / 20P
Logic controlled high-side power switch
Rev. 1.1 ??15 January 2015
More results

Similar Description - NX5P2553_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2561-Q1 TI1-TPS2561-Q1 Datasheet
1Mb / 25P
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCH
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
Precision Adjustable Current-Limited Power-Distribution Switch
logo
Pericom Semiconductor C...
PI5PD2556 PERICOM-PI5PD2556 Datasheet
897Kb / 12P
Precision Adjustable Current -Limited Power Switch
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
Precision Adjustable Current-Limited Power-Distribution Switch
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
Adjustable Current-Limited, Power-Distribution Switch
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com