Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5P2553 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button NX5P2553_15 Datasheet HTML 4Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 5Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 6Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 7Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 8Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 9Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 10Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 11Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
NX5P2553
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2015
8 of 24
NXP Semiconductors
NX5P2553
Precision adjustable current-limited power switch
12.2 ON resistance
RILIM = 20 k.
(1) Rising edge
(2) Falling edge
Fig 6.
Typical undervoltage lockout voltage versus junction temperature
Tj (°C)
-50
150
110
30
70
-10
aaa-011073
2.28
2.32
2.24
2.36
2.4
VUVLO
(V)
2.2
(2)
(1)
Table 9.
ON resistance
VI(VIN) = VI(EN) and RFAULT = 10 kunless otherwise specified; voltages are referenced to GND (ground = 0 V); see Figure 7
and Figure 11.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RON
ON resistance
VI(VIN) = 2.5 V to 5.5 V
NX5P2553GU; Tj = 25 C
-
100
115
m
NX5P2553GU; Tj = 40 C to +105 C
-
-
140
m
NX5P2553GU; Tj = 40 C to +125 C
-
-
150
m
NX5P2553GU6; Tj = 25 C
-
115
125
m
NX5P2553GU6; Tj = 40 C to +105 C
-
-
150
m
NX5P2553GU6; Tj = 40 C to +125 C
-
-
160
m
NX5P2553GV; Tj = 25 C
-
95
100
m
NX5P2553GV; Tj = 40 C to +125 C
-
-
135
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com