Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5P2553 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 5 Page - NXP Semiconductors

  NX5P2553_15 Datasheet HTML 1Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 2Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 3Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 4Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 5Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 6Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 7Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 8Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
NX5P2553
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2015
5 of 24
NXP Semiconductors
NX5P2553
Precision adjustable current-limited power switch
8.6 FAULT output
The FAULT pin is an open-drain output that requires an external pull-up resistor. If any of
the protection circuits are activated, FAULT is set to LOW to indicate that a fault has
occurred. It returns to the high-impedance state automatically once the fault condition is
removed.
8.7 OverTemperature Protection (OTP)
If the device temperature exceeds 155
C when EN is set HIGH and the device is not in
current limit, OTP triggers. It disables the N-channel MOSFET and sets the FAULT pin to
LOW. Any transition on the EN pin has no effect. Once the device temperature decreases
below 125
C, the device returns to the defined state.
If the device temperature exceeds 130
C when EN is set HIGH and the device is in
current limit, OTP triggers. It disables the N-channel MOSFET and sets the FAULT pin to
LOW. Any transition on the EN pin has no effect. Once the device temperature decreases
below 118
C, the device returns to the defined state.
9.
Limiting values
[1]
If the input current rating is observed, the minimum input voltage rating may be exceeded.
[2]
If the switch clamping current rating is observed, the minimum and maximum switch voltage ratings may be exceeded.
[3]
Internally limited.
[4]
The (absolute) maximum power dissipation depends on the junction temperature Tj. Higher power dissipation is allowed with lower
ambient temperatures. The conditions to determine the specified values are Tamb = 85 C and the use of a two layer PCB.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
inputs EN and ILIM
[1]
0.35
+6.5
V
input VIN
[2]
0.35
+6.5
V
VO
output voltage
output FAULT
[1]
0.35
VI(VIN)
V
output VOUT
[2]
0.35
+6.5
V
VSW
switch voltage
[2]
6.5
+6.5
V
IIK
input clamping current
input EN; VI(EN) < 0.35 V
50
-
mA
input ILIM; VI(ILIM) < 0.35 V
50
-
mA
Isource
source current
input ILIM
-
1
mA
IOK
output clamping current
VO <0V
50
-
mA
ISK
switch clamping current
input VIN; VI(VIN) < 0.35 V
50
-
mA
output VOUT; VO(VOUT) < 0.35 V
50
-
mA
ISW
switch current
VSW > 0.35 V
[3] -
1900
mA
Tj(max)
maximum junction
temperature
40
+150
C
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
NX5P2553GV
[4] -
300
mW
NX5P2553GU
[4] -
315
mW
NX5P2553GU6
[4] -
340
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com