Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5P2553 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 2 Page - NXP Semiconductors

  NX5P2553_15 Datasheet HTML 1Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 2Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 3Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 4Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 5Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 6Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 7Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 8Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
NX5P2553
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2015
2 of 24
NXP Semiconductors
NX5P2553
Precision adjustable current-limited power switch
3.
Applications
USB port/hubs
Digital TV and set-top boxes
VoIP phones
4.
Ordering information
5.
Marking
[1]
The pin 1 indicator is on the lower left corner of the device, below the marking code.
6.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
NX5P2553GV
40 Cto+85 C
TSOP6
plastic surface-mounted package (TSOP6); 6 leads
SOT457
NX5P2553GU
40 Cto+85 C
HXSON6
plastic, thermal enhanced extremely thin small outline
package; no leads; 6 terminals; body 1.6
 1.6  0.5 mm
SOT1189-1
NX5P2553GU6
40 Cto+85 C
HXSON6
plastic, thermal enhanced extremely thin small outline
package; no leads; 6 terminals; body 2.0
 2.0  0.5 mm
SOT1348-1
Table 2.
Marking codes
Type number
Marking code[1]
NX5P2553GV
x53
NX5P2553GU
x53
NX5P2553GU6
x53
Fig 1.
Logic diagram
CS
aaa-007801
DRIVER
CURRENT
LIMIT
4-ms
DEGLITCH
reverse
voltage
comparator
current
sense
THERMAL
SENSE
8-ms DEGLITCH
FAULT
VOUT
CHARGE
PUMP
UVLO
VIN
EN
GND
ILIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com