Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5P2553 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button NX5P2553_15 Datasheet HTML 8Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 9Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 10Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 11Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 12Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 13Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 14Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 15Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
NX5P2553
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2015
12 of 24
NXP Semiconductors
NX5P2553
Precision adjustable current-limited power switch
Test data is given in Table 14.
Definitions test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
VEXT = External voltage for measuring switching times.
Fig 10. Test circuit for measuring switching times
aaa-011077
EN
VOUT
CL
VIN
VEXT
G
VI
RL
Table 14.
Test data
Supply voltage
EN input
Load
VEXT
VI(EN)
CL
RL
2.5 V
0 V to VI(VIN)
1
F
100
5.5 V
0 V to VI(VIN)
1
F
100
Fig 11. Typical characteristics reference schematic
aaa-007803
10 kΩ
10 μF
150 μF
FAULT
FAULT signal
VIN
control signal
EN
VIN
VOUT
VOUT
ILIM
GND
RILIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com