Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5P2553 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button NX5P2553_15 Datasheet HTML 15Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 16Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 17Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 18Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 19Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 20Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 21Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 22Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
NX5P2553
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2015
19 of 24
NXP Semiconductors
NX5P2553
Precision adjustable current-limited power switch
Fig 27. Package outline SOT1189-1 (HXSON6)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1189-1
- - -
- - -
- - -
sot1189-1_po
10-08-02
10-10-11
Unit(1)
mm
max
nom
min
0.5
0.05
0.00
0.30
0.25
0.20
1.7
1.6
1.5
1.3
1.2
1.1
1.7
1.6
1.5
0.5
1
0.35
0.30
0.25
0.05
A
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HXSON6: plastic, thermal enhanced extremely thin small outline package; no leads;
6 terminals; body 1.6 x 1.6 x 0.5 mm
SOT1189-1
A1
A3
0.127
bD
Dh
EEh
0.6
0.5
0.4
ee1
k
0.2
Lv
0.1
w
0.05
y
0.05
y1
0
1
2 mm
scale
D
E
B
A
terminal 1
index area
X
detail X
A
A1
A3
C
y
C
y1
Dh
Eh
k
L
b
e1
e
A
C
B
v
C
w
terminal 1
index area
4
6
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com