Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5P2553 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button NX5P2553_15 Datasheet HTML 16Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 17Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 18Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 19Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 20Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 21Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 22Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 23Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
NX5P2553
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2015
20 of 24
NXP Semiconductors
NX5P2553
Precision adjustable current-limited power switch
Fig 28. Package outline SOT1348-1 (HXSON6)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1348-1
- - -
sot1348-1_po
13-09-04
15-05-08
Unit
mm
max
nom
min
0.5
0.05
A
Dimensions (mm are the original dimensions)
HXSON6: plastic, thermal enhanced extremely thin small outline package; no leads;
6 terminals; body 2.0 x 2.0 x 0.5 mm
SOT1348-1
A1
0.127
1.7
1.6
1.5
2.1
2.0
1.9
2.0
2.1
1.0
1.9
0.9
1.1
0.65
1.3
A3
b
0.35
0.30
0.25
k
0.2
D(1)
Dh
E(1)
Eh
ee1
0.30
0.25
0.20
Lv
0.05
0.1
wy
0.05
y1
0.05
0
2 mm
scale
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
A
E
detail X
A3
A
A1
- - -
- - -
X
B
D
Dh
64
13
k
L
b
A
C
B
v
C
w
Eh
e1
e
terminal 1
index area
terminal 1
index area
C
y
C
y1
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com