Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5P2553 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NX5P2553_15 Datasheet HTML 7Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 8Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 9Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 10Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 11Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 12Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 13Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 14Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
NX5P2553
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2015
11 of 24
NXP Semiconductors
NX5P2553
Precision adjustable current-limited power switch
[1]
Typical values are measured at Tj = 25 C.
[2]
ten is the same as tPZH.
[3]
tdis is the same as tPHZ.
13.1 Waveform and test circuits
toff
turn-off time
short-circuit;
VI(VIN) =5V
-2
-
s
RVP; VI(VIN) = 5 V
357ms
tdegl
deglitch time
FAULT; OCP;
VI(VIN) =5V
58.7
12
ms
FAULT; RVP;
VI(VIN) =5V
24.4
6ms
Table 12.
Characteristics …continued
At recommended operating conditions; VI(VIN) = VI(EN) and RFAULT = 10 kunless otherwise specified; voltages are referenced
to GND (ground = 0 V); see Figure 9, Figure 10, Figure 11, Figure 12, Figure 13, Figure 14, Figure 15, Figure 16, and
Figure 22.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Measurement points are given in Table 13.
Logic level: VOH is the typical output voltage that occurs with the output load.
Fig 9.
Switching times and rise and fall times
aaa-011076
VOUT output
EN input
VI
VM
VX
GND
VY
VOH
GND
tPZH
tPHZ
tTLH
tTHL
Table 13.
Measurement points
Supply voltage
EN input
Output
VI(VIN)
VM
VX
VY
2.5 V
0.5
 V
I(EN)
0.9
 V
OH
0.1
 V
OH
5.5 V
0.5
 V
I(EN)
0.9
 V
OH
0.1
 V
OH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com