Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5P2553 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button NX5P2553_15 Datasheet HTML 13Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 14Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 15Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 16Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 17Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 18Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 19Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 20Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
NX5P2553
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2015
17 of 24
NXP Semiconductors
NX5P2553
Precision adjustable current-limited power switch
• Widen the circuit board traces between:
– Power supply and VIN input
– VOUT output and load connection (USB plug)
– Load GND (USB plug) and power supply GND as much as possible. Define a
Kelvin point in the GND line, close to the product and have the device GND
connected to it.
• Use combination of larger and smaller value capacitors with low ESR at the VIN input
and the VOUT output. Ensure that wires to the VIN input, VOUT output and the Kelvin
point are short. Wires behave like coils. Transient currents (e.g. as a result of a short)
may lead to high positive or negative inductance voltages. The carefully routed
high-current path and the short wired capacitors at the VIN input and the VOUT output
keeps these voltages away from the product.
• Load transients affect the supply of the application. Load transients result from the
switch enable and disable process as well as load jumps (application of or removal of
load). The supply might react to load transients with voltage jumps that exceed the
Limiting values. If such voltage jumps are larger, the capacitors at the VIN input and
the VOUT output might not be able to filter them. A strong 6 V Zener diode between
VIN and GND might be considered. Improving the design of the supply is a better
solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com