Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5P2553 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button NX5P2553_15 Datasheet HTML 12Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 13Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 14Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 15Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 16Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 17Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 18Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 19Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
NX5P2553
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2015
16 of 24
NXP Semiconductors
NX5P2553
Precision adjustable current-limited power switch
14. Application information
14.1 Application diagram
14.2 Best practices
In order to avoid product damage, the device should always operate within the boundaries
given in Section 9. However, in applications with high switching currents, these limits
might be violated during transients even when the static values are well within the limiting
values. The device includes soft-start which limits in-rush current when enabling the
N-channel MOSFET. This feature does not limit current transients due to load change
when the N-channel MOSFET is already enabled.
The following aspects can be taken as guideline:
VI(VIN) = 5.5 V; RILIM = 20 k.
(1) Tamb = 40 C
(2) Tamb = +25 C
(3) Tamb = +125 C
VI(VIN) = 5.5 V; RILIM = 200 k.
(1) Tamb = 40 C
(2) Tamb = +25 C
(3) Tamb = +125 C
Fig 23. Switch current versus switch voltage
Fig 24. Switch current versus switch voltage
VOUT-VIN (mV)
0
200
100
aaa-011216
560
840
280
1120
1400
Iocp
(mA)
0
(1)
(2)
(3)
VOUT-VIN (mV)
0
200
100
aaa-011217
160
Iocp
(mA)
0
40
80
120
(3)
(2)
(1)
For the IEC61000-4-2 contact discharge test, the 10
F input capacitance is not needed.
Fig 25. Application diagram
aaa-007802
100 kΩ
10 μF
0.1 μF
120 μF
FAULT
FAULT signal
5 V
USB input
control signal
EN
VIN
VOUT
USB
port
USB data
ILIM
GND
RILIM
20 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com