Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP152 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AXP152
Description  Enhanced Power Supply IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP152 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AXP152 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 13/34
Enhanced Power Supply IC
AXP152
2.2K resistor to 3.3V I/O power
36
PGND1
G
NMOS Ground for DCDC1
37
LX1
IO
Inductor Pin for DCDC1
38
VIN1
PI
DCDC1 input source
39
DCDC1
I
DCDC1 feedback pin
40
GPIO0
IO
REG90[2:0]
GPIO0
41
EP(GND)
G
Exposed Pad, need to connect to system ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com