Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP152 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AXP152
Description  Enhanced Power Supply IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP152 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AXP152 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 28/34
Enhanced Power Supply IC
AXP152
REG 81H: 内部泄放和输出监视器控制
Bit
描述
R/W
默认值
7
DCDC/LDO 内部泄放使能
0:不使能;1:使能
RW
1
6
保留,不可更改
RW
1
5
DCDC1 输出低于 85%自动关机
RW
4
DCDC2 输出低于 85%自动关机
RW
3
DCDC3 输出低于 85%自动关机
RW
2
DCDC4 输出低于 85%自动关机
0:不使能;1:使能
RW
1
1~0
DCDC1/2/3/4
输出 监视器
debounce 时间设置
00:62us;01:124us;10:186us;11:248us
RW
01
REG 8AH: 计时器控制
Bit
描述
R/W
默认值
7
计时器
time out 状态
写
1 将复位计时器状态
RW
0
6~0
计时时间设置
0~27-1 min,设置为 0 将关闭计时器
RW
0000000
REG 8FH: IRQ PIN 开机和过温关机控制
Bit
描述
R/W
默认值
7
IRQ Pin 开机功能使能
0:不使能;1:使能
RW
0
6~3
保留,不可更改
RW
0000
2
过温关机使能
0:不使能;1:使能
RW
0
1~0
过温关机门限设置
00:106℃ 01:118℃ 10:130℃ 11:144℃
RW
01
REG 90H: GPIO0 控制
Bit
描述
R/W
默认值
7
GPIO0 作为 digital input 时上升沿
触发
IRQ 和 wakeup 使能
0:不使能;1:使能
RW
0
6
GPIO0 作为 digital input 时下降沿
触发
IRQ 和 wakeup 使能
0:不使能;1:使能
RW
0
5~3
保留,不可更改
RW
000
2~0
GPIO0 功能控制 bit2~0
000:输出下拉; 001:输出上拉(DCDC1)
010:PWM0 输出(高电平为 DCDC1)
011:数字输入; 100~111:浮空
RW
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com