Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP152 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # AXP152
Description  Enhanced Power Supply IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP152 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button AXP152 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 25/34
Enhanced Power Supply IC
AXP152
REG 25H:DC-DC2 动态电压调节参数设置
Bit
描述
R/W
默认值
7-4
无
3
保留,不可更改
RW
0
2
DC-DC2 DVM 功能使能控制
0:不使能;1:使能
RW
0
1
保留,不可更改
RW
0
0
DC-DC2 DVM 电压变化斜率控制
0: 25mV/15.625us=1.6mV/us
1: 25mV/31.250us=0.8mV/us
RW
0
REG 26H:DC-DC1 输出电压设置
Bit
描述
R/W
默认值
7-4
无
3
DC-DC1 输出电压设置 bit3
RW
2
DC-DC1 输出电压设置 bit2
RW
1
DC-DC1 输出电压设置 bit1
RW
0
DC-DC1 输出电压设置 bit0
0000:1.7V;0001:1.8V;0010:1.9V;0011:2.0V;
0100:2.1V;0101:2.4V;0110:2.5V;0111:2.6V;
1000:2.7V;1001:2.8V;1010:3.0V;1011:3.1V;
1100:3.2V;1101:3.3V;1110:3.4V;1111:3.5V;
RW
OTP
REG 27H:DC-DC3 输出电压设置
Bit
描述
R/W
默认值
7-6
保留,不可更改
RW
0
5
DC-DC3 输出电压设置 bit5~0
0.7-3.5V,50mV/step
RW
OTP&
DC3SET
REG 28H:ALDO1/2 输出电压设置
Bit
描述
R/W
默认值
7
ALDO1 输出电压设置 bit3
RW
6
ALDO1 输出电压设置 bit2
RW
5
ALDO1 输出电压设置 bit1
RW
4
ALDO1 输出电压设置 bit0
0000:1.2V;0001:1.3V;0010:1.4V;0011:1.5V;
0100:1.6V;0101:1.7V;0110:1.8V;0111:1.9V;
1000:2.0V;1001:2.5V;1010:2.7V;1011:2.8V;
1100:3.0V;1101:3.1V;1110:3.2V;1111:3.3V;
RW
3
ALDO2 输出电压设置 bit3
RW
2
ALDO2 输出电压设置 bit2
RW
1
ALDO2 输出电压设置 bit1
RW
0
ALDO2 输出电压设置 bit0
0000:1.2V;0001:1.3V;0010:1.4V;0011:1.5V;
0100:1.6V;0101:1.7V;0110:1.8V;0111:1.9V;
1000:2.0V;1001:2.5V;1010:2.7V;1011:2.8V;
1100:3.0V;1101:3.1V;1110:3.2V;1111:3.3V;
RW
OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com