Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP152 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # AXP152
Description  Enhanced Power Supply IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP152 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button AXP152 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 34Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 30/34
Enhanced Power Supply IC
AXP152
REG 96H: GPIO2 LDO 模式电压控制
Bit
描述
R/W
默认值
7~4
无
3~0
GPIOLDO 输出电压设置 bit3~0
0000:1.8V;0001:1.9V;0010:2.0V;0011:2.1V;
0100:2.2V;0101:2.3V;0110:2.4V;0111:2.5V;
1000:2.6V;1001:2.7V;1010:2.8V;1011:2.9V;
1100:3.0V;1101:3.1V;1110:3.2V;1111:3.3V;
RW
1010
REG 97H: GPIO[3:0]输入信号
Bit
描述
R/W
默认值
7~4
无
3
GPIO3 数字输入信号
R
0
2
GPIO2 数字输入信号
R
0
1
GPIO1 数字输入信号
R
0
0
GPIO0 数字输入信号
R
0
REG 98H: PWM0 频率设置
Bit
描述
R/W
默认值
7~0
PWM0 输出频率设置(X0)
可设置为
0~255
RW
00H
REG 99H: PWM0 占空比分母设置
Bit
描述
R/W
默认值
7~0
PWM0 输出占空比分母设置(Y0)
可设置为
1~255
RW
16H
REG 9AH: PWM0 占空比分子设置
Bit
描述
R/W
默认值
7~0
PWM0 输出占空比分子设置(Z0)
可设置为
0~Y0
RW
0BH
注:PWM0输出频率 = 2.25MHz/(X0+1)/Y0
PWM0输出占空比 = Z0/Y0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com