Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP152 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AXP152
Description  Enhanced Power Supply IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP152 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AXP152 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 22/34
Enhanced Power Supply IC
AXP152
寄存器
49H[2]
IRQ8
DCDC4 输出电压低于 90% IRQ
寄存器
49H[1]
IRQ9
短按键
IRQ
寄存器
49H[0]
IRQ10
长按键
IRQ
寄存器
4AH[7]
IRQ11
计时器超时
IRQ
寄存器
4AH[6]
IRQ12
按键上升沿
IRQ
寄存器
4AH[5]
IRQ13
按键下降沿
IRQ
寄存器
4AH[4]
保留,不可更改
寄存器
4AH[3]
IRQ14
GPIO3 输入边沿 IRQ
寄存器
4AH[2]
IRQ15
GPIO2 输入边沿 IRQ
寄存器
4AH[1]
IRQ16
GPIO1 输入边沿 IRQ
寄存器
4AH[0]
IRQ17
GPIO0 输入边沿 IRQ
9.7 寄存器(Registers)
第
1 组,电源控制类
地址
寄存器描述
R/W
默认值
01
电源模式
/开机源指示寄存器
R
12
DC-DC1/2/3/4 & ALDO1/2&DLDO1/2 开关控制寄存器
R/W
OTP
13
ALDO1/2 工作模式控制寄存器
R/W
00H
15
LDO0 控制寄存器
R/W
00H
23
DC-DC2 电压设置寄存器
R/W
OTP
25
DC-DC2 电压斜率参数设置寄存器
R/W
00H
26
DC-DC1 电压设置寄存器
R/W
OTP
27
DC-DC3 电压设置寄存器
R/W
OTP
28
ALDO1/2 电压设置寄存器
R/W
OTP
29
DLDO1 电压设置寄存器
R/W
OTP
2A
DLDO2 电压设置寄存器
R/W
OTP
2B
DCDC4 电压设置寄存器
R/W
OTP
31
电源恢复和
VOFF 电压设置寄存器
R/W
07H
32
关机和关机时序控制寄存器
R/W
00H
36
POK 参数设置寄存器
R/W
9DH
37
DCDC 工作频率设置寄存器
R/W
OTP
80
DCDC 工作模式设置寄存器
R/W
00H
81
内部泄放和输出监视器控制寄存器
R/W
FDH
8A
定时器控制寄存器
R/W
00H
8F
IRQ PIN 开机和过温关机控制寄存器
R/W
01H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com