Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP152 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # AXP152
Description  Enhanced Power Supply IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP152 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button AXP152 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 24/34
Enhanced Power Supply IC
AXP152
REG 12H:电源输出控制
Bit
描述
R/W
默认值
7
DC-DC1 开关控制
RW
6
DC-DC2 开关控制
RW
5
DC-DC3 开关控制
RW
4
DC-DC4 开关控制
RW
3
ALDO1 开关控制
RW
2
ALDO2 开关控制
RW
1
DLDO1 开关控制
RW
0
DLDO2 开关控制
0:关闭;1:打开
RW
OTP
REG 13H: ALDO1/2 工作模式控制寄存器
Bit
描述
R/W
默认值
7-4
无
3
ALDO1 工作模式控制
RW
0
2
ALDO2 工作模式控制
0:低噪声模式
1:低功耗模式
RW
0
1-0
保留,不可更改
RW
00
REG 15H:LDO0 控制寄存器
Bit
描述
R/W
默认值
7
LDO0 使能
0:不使能;1:使能;
LDO0EN 接 LDO0IN 时不起作用
RW
0
6
保留,不可更改
RW
0
5
LDO0 电压控制 bit1
RW
0
4
LDO0 电压控制 bit0
00:5V; 01:3.3V; 10:2.8V; 11:2.5V
RW
0
3-2
保留,不可更改
RW
0
1
LDO0 限流设置 bit1
RW
0
0
LDO0 限流设置 bit0
00:不限流; 01:1500mA; 10:900mA;
11:500mA
RW
0
REG 23H:DC-DC2 输出电压设置
Bit
描述
R/W
默认值
7-6
保留,不可更改
RW
0
5~0
DC-DC2 输出电压设置 bit5~0
0.7-2.275V,25mV/step
RW
OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com