Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP152 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AXP152
Description  Enhanced Power Supply IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP152 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AXP152 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 8/34
Enhanced Power Supply IC
AXP152
SYMBOL
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
DCDC1
IVIN1
Input Current
PFM Mode
IDC1OUT =0
45
μA
ILIM1
PMOS Switch Current Limit
PWM Mode
1600
mA
IDC1OUT
Available Output Current
PWM Mode
1000
mA
VDC1OUT
Output Voltage
1.7
3.3
3.5
V
DCDC2
IVIN2
Input Current
PFM Mode
IDC2OUT =0
20
μA
ILIM2
PMOS Switch Current Limit
PWM Mode
2400
mA
IDC2OUT
Available Output Current
PWM Mode
2000
mA
VDC2OUT
Output Voltage Range
0.7
1.25
2.275
V
DCDC3
IVIN3
Input Current
PFM Mode
IDC3OUT =0
45
uA
ILIM3
PMOS Switch Current Limit
PWM Mode
1600
mA
IDC3OUT
Available Output Current
PWM Mode
1200
mA
VDC3OUT
Output Voltage Range
0.7
2.5
3.5
V
DCDC4
IVIN4
Input Current
PFM Mode
IDC3OUT =0
45
uA
ILIM4
PMOS Switch Current Limit
PWM Mode
1600
mA
IDC3OUT
Available Output Current
PWM Mode
1200
mA
VDC3OUT
Output Voltage Range
0.7
1.25
3.5
V
LDO0
VLDO0
Output Voltage
ILDO1=1mA
-1%
5
3.3
2.8
2.5
1%
V
ILimit
Output Current Limited
Not
1500
900
500
mA
IQ
Quiescent Current
55
μA
RDSON
VLDO0=5V, ILDO0 not limited
PIN to PIN,LDO0IN to
LDO0
200
mΩ
RTC31
VRTC31
Output Voltage
IRTC31=1mA
-1%
3.1
1%
V
IRTC31
Output Current
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com