Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP152 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AXP152
Description  Enhanced Power Supply IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP152 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AXP152 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 23/34
Enhanced Power Supply IC
AXP152
第
2 组,GPIO 控制类
地址
寄存器描述
R/W
默认值
90
GPIO0 控制寄存器
R/W
07H
91
GPIO1 控制寄存器
R/W
07H
92
GPIO2 控制寄存器
R/W
07H
93
GPIO3 控制寄存器
R/W
07H
96
GPIO2 LDO 模式电压控制寄存器
R/W
0AH
97
GPIO[3:0]输入信号寄存器
R/W
00H
98
PWM0 频率设置寄存器
R/W
00H
99
PWM0 占空比设置寄存器 1
R/W
16H
9A
PWM0 占空比设置寄存器 2
R/W
0BH
9B
PWM1 频率设置寄存器
R/W
00H
9C
PWM1 占空比设置寄存器 1
R/W
16H
9D
PWM1 占空比设置寄存器 2
R/W
0BH
第
3 组,中断控制类
地址
寄存器描述
R/W
默认值
40
IRQ 使能控制寄存器 1
R/W
00H
41
IRQ 使能控制寄存器 2
R/W
03H
42
IRQ 使能控制寄存器 3
R/W
00H
48
IRQ 状态寄存器 1
R/W
00H
49
IRQ 状态寄存器 2
R/W
00H
4A
IRQ 状态寄存器 3
R/W
00H
REG 01H:电源工作模式以及开机源指示
Bit
描述
R/W
7-6
保留,不可更改
R
5
LDO0EN 为高时 LDO0IN 状态指示位
0:无 LDO0IN 输入(<3.5V); 1:有 LDO0IN 输入(>3.8V)
R
4
串行接口状态
(SIEN)
0:不使能;1:使能
R
3
IRQ pin 触发开机指示
R
2
PWRON 正常按键触发开机指示
R
1
保留,不可更改
R
0
ALDOIN 上升沿触发开机指示
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com