Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP152 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AXP152
Description  Enhanced Power Supply IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP152 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AXP152 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 27/34
Enhanced Power Supply IC
AXP152
REG 32H: 关机和关机时序控制
Bit
描述
R/W
默认值
7
关机控制
1 即关闭芯片并自动复位本 bit
RW
0
6~3
保留,不可更改
RW
0000
2
关机时序控制
0:所有输出同时掉电
1:各路输出按上电时序反向掉电
RW
0
1~0
保留,不可更改
RW
00
REG 36H: POK 设置
Bit
描述
R/W
默认值
7~6
ONLEVEL 设置 bit1~0
00:128ms; 01:3s; 10:1s; 11:2s;
RW
10
5~4
IRQLEVEL 设置 bit1~0
00:1s; 01:1.5s; 10:2s; 11:2.5s;
RW
01
3
POK 大于 OFFLEVEL 时是否
关机
0:不使能;1:使能
RW
1
2
上电完成与
PWROK 信号输出间
的延时控制
0:8ms
1:64ms
RW
1
1~0
OFFLEVEL 设置
00:4s; 01:6s; 10:8s; 11:10s
RW
01
REG 37H: DCDC 频率控制
Bit
描述
R/W
默认值
7
DCDC 展频功能使能
0:不使能;1:使能
RW
OTP
6
DCDC 展频范围控制
0:50KHz 1:100KHz
RW
OTP
5~4
保留,不可更改
RW
00
3~0
DCDC 工作频率设置 bit3~0
每步
5%
RW
1000
REG 80H: DCDC 工作模式控制
Bit
描述
R/W
默认值
7~4
保留,不可更改
RW
0000
3
DCDC1 PFM/PWM 模式控制
RW
0
2
DCDC2 PFM/PWM 模式控制
RW
0
1
DCDC3 PFM/PWM 模式控制
RW
0
0
DCDC4 PFM/PWM 模式控制
0:自动切换
1:始终为 PWM 模式
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com