Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP152 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # AXP152
Description  Enhanced Power Supply IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP152 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button AXP152 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 26/34
Enhanced Power Supply IC
AXP152
REG 29H:DLDO1 电压控制
Bit
描述
R/W
默认值
7
DLDO1 模式控制
0:LDO 模式,输出电压由 bit[4:0]控制;
1:Switch 模式,输出电压接近 DLDOIN
RW
0
6~5
保留,不可更改
RW
0
4~0
DLDO1 输出电压控制 bit4~0
0.7~3.5V,100mV/step
RW
OTP
REG 2AH:DLDO2 电压控制
Bit
描述
R/W
默认值
7
DLDO2 模式控制
0:LDO 模式,输出电压由 bit[4:0]控制;
1:Switch 模式,输出电压接近 DLDOIN
RW
0
6~5
保留,不可更改
RW
0
4~0
DLDO2 输出电压控制 bit4~0
0.7~3.5V,100mV/step
RW
OTP
REG 2BH:DCDC4 电压控制
Bit
描述
R/W
默认值
7
保留,不可更改
RW
0
6~0
DCDC4 输出电压控制 bit6~0
0.7~3.5V,25mV/step
RW
OTP
REG 31H: 电源恢复和 VOFF 电压设置
Bit
描述
R/W
默认值
7
电源恢复时
PWROK 是否拉低
0:不拉低
1:在 wakeup 期间拉低
RW
0
6~4
保留,不可更改
RW
000
3
电源恢复功能使能
0:不使能; 1:使能 对本 bit 写 1 即可复位
RW
0
2
VOFF 电压设置 bit2
1
VOFF 电压设置 bit1
0
VOFF 电压设置 bit0
000:2.6V;001:2.7V;010:2.8V;011:2.9V
100:3.0V;101:3.1V;110:3.2V;111:3.3V
RW
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com