Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP152 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AXP152
Description  Enhanced Power Supply IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP152 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AXP152 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 34Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 32/34
Enhanced Power Supply IC
AXP152
REG 41H: IRQ 使能 2
REG 42H: IRQ 使能 3
REG 48H: IRQ 状态 1
Bit
描述
R/W
默认值
7
保留,不可更改
RW
0
6
保留,不可更改
RW
0
5
DCDC1 输出电压低于 90% IRQ 使能
RW
0
4
DCDC2 输出电压低于 90% IRQ 使能
RW
0
3
DCDC3 输出电压低于 90% IRQ 使能
RW
0
2
DCDC4 输出电压低于 90% IRQ 使能
RW
0
1
短按键
IRQ 使能
RW
1
0
长按键
IRQ 使能
RW
1
Bit
描述
R/W
默认值
7
计时器超时
IRQ 使能
RW
0
6
按键上升沿
IRQ 使能
RW
0
5
按键下降沿
IRQ 使能
RW
0
4
保留,不可更改
RW
0
3
GPIO3 输入边沿 IRQ 使能
RW
0
2
GPIO2 输入边沿 IRQ 使能
RW
0
1
GPIO1 输入边沿 IRQ 使能
RW
0
0
GPIO0 输入边沿 IRQ 使能
RW
0
Bit
描述
R/W
默认值
7
保留,不可更改
RW
0
6
LDO0IN 接入 IRQ,写 1 将清除 IRQ 状态
RW
0
5
LDO0IN 移出 IRQ,写 1 将清除 IRQ 状态
RW
0
4
保留,不可更改
RW
0
3
ALDOIN 接入 IRQ,写 1 将清除 IRQ 状态
RW
0
2
ALDOIN 移出 IRQ,写 1 将清除 IRQ 状态
RW
0
1
保留,不可更改
RW
0
0
保留,不可更改
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com