Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP152 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # AXP152
Description  Enhanced Power Supply IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP152 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button AXP152 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP152 Datasheet HTML 34Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 31/34
Enhanced Power Supply IC
AXP152
REG 9BH: PWM1 频率设置
Bit
描述
R/W
默认值
7~0
PWM1 输出频率设置(X1)
可设置为
0~255
RW
00H
REG 9CH: PWM1 占空比分母设置
Bit
描述
R/W
默认值
7~0
PWM1 输出占空比分母设置(Y1)
可设置为
1~255
RW
16H
REG 9DH: PWM1 占空比分子设置
Bit
描述
R/W
默认值
7~0
PWM1 输出占空比分子设置(Z1)
可设置为
0~Y1
RW
0BH
注:PWM1输出频率 = 2.25MHz/(X1+1)/Y1
PWM1输出占空比 = Z1/Y1
REG 40H: IRQ 使能 1
Bit
描述
R/W
默认值
7
保留,不可更改
RW
0
6
LDO0IN 接入 IRQ 使能(LDO0EN 连接到 LDO0IN)
RW
0
5
LDO0IN 移出 IRQ 使能(LDO0EN 连接到 LDO0IN)
RW
0
4
保留,不可更改
RW
0
3
ALDOIN 接入 IRQ 使能
RW
0
2
ALDOIN 移出 IRQ 使能
RW
0
1
保留,不可更改
RW
0
0
保留,不可更改
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com