Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3415 Datasheet(PDF) 7 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 7 Page - ams AG

Back Button AS3415 Datasheet HTML 3Page - ams AG AS3415 Datasheet HTML 4Page - ams AG AS3415 Datasheet HTML 5Page - ams AG AS3415 Datasheet HTML 6Page - ams AG AS3415 Datasheet HTML 7Page - ams AG AS3415 Datasheet HTML 8Page - ams AG AS3415 Datasheet HTML 9Page - ams AG AS3415 Datasheet HTML 10Page - ams AG AS3415 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 7
Abs o lute M a ximum R a tings
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these
or any other conditions beyond those indicated under
“Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 6:
Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Reference Ground
Defined as in GND
Supply terminals
-0.5
2.0
V
Applicable for pin VBAT
Ground terminals
-0.5
0.5
V
Applicable for pin AGND
Negative terminals
-2.0
0.5
V
Applicable for pins VNEG
Charge Pump pins
VNEG-0.5
VBAT+0.5
V
Applicable for pins CPN and CPP
Headphone pins
VNEG-0.5
VBAT+0.5
V
Applicable for pins HPR and HPL
Analog pins
VNEG-0.5
VBAT+0.5
V
Applicable for pins LINL, LINR,
MICL/R, HPR, HPL, QMICL/R,
QLINL/R, IOPx, QOPx, CPP, CPN,
TRSCL, TRSDA, MICACL, MICACR,
MIXR, MIXL, BPL, BPR and ILED
Control Pins
VNEG-0.5
5V
Applicable for pins MICS,
ANC/CSDA, MODE/CSCL
Other Pins
VNEG-0.5
5
V
Applicable for pin MICS
Input Current (latch-up immunity)
-100
100
mA
Norm: JEDEC 17
Continuous Power Dissipation (TA = +70ºC)
Continuous Power Dissipation
-
200
mW
PT(1) for QFN32/36 package
Electrostatic Discharge
Electrostatic Discharge HBM
± 2
kV
Norm: JEDEC JESD22-A114C
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com