Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3415 Datasheet(PDF) 74 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 74 Page - ams AG

Back Button AS3415 Datasheet HTML 70Page - ams AG AS3415 Datasheet HTML 71Page - ams AG AS3415 Datasheet HTML 72Page - ams AG AS3415 Datasheet HTML 73Page - ams AG AS3415 Datasheet HTML 74Page - ams AG AS3415 Datasheet HTML 75Page - ams AG AS3415 Datasheet HTML 76Page - ams AG AS3415 Datasheet HTML 77Page - ams AG AS3415 Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
AS3415/AS3435 – 74
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
Re g i st e r De sc rip t ion
Figure 93:
PBO_MODE Register Description
Name
Address
Default Value
PBO_MODE
0x16
00h
The ANC_MODE register controls various settings for the chipset in playback mode like which amplifiers are
enabled as well as which audio inputs are active.
Bit
Bit Name
Default
Access
Bit Description
7
TEST_BIT_4
1
R
Test register. Please do not write this register.
6NO_PBO
0
R/W
This bit disables the playback only mode function. No
external pull up resistor is required on ANC / CSDA pin
is necessary if this bit is set to ‘1’
0: Playback only mode enabled
1: Playback only mode disabled
5
PBO_LIN_MUTE
0
R/W
This bit defines the status of the line input mute
switch in playback only mode. If the bit is set to ‘1’ the
line input amplifier is disconnected from the
headphone amplifier.
0: Line Input Mute disabled
1: Line Input Mute enabled
4
PBO_MIX_ENABLE
0
R/W
This bit enables the eco mode of the microphone
preamplifier.
0: Power save function disabled
1: Power save function enabled
3PBO_OP2L_ON
0
R/W
This register enables the left channel of OPAMP 2 in
playback only mode.
0: Left OP2 is switched off
1: Left OP2 is switched on
2PBO_OP2R_ON
0
R/W
This register enables the right channel of OPAMP 2 in
playback only mode.
0: Right OP2 is switched off
1: Right OP2 is switched on
1PBO_OP1L_ON
0
R/W
This register enables the left channel of OPAMP 1 in
playback only mode.
0: Left OP2 is switched off
1: Left OP2 is switched on
0PBO_OP1R_ON
0
R/W
This register enables the right channel of OPAMP 1 in
playback only mode.
0: Right OP2 is switched off
1: Right OP2 is switched on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com