Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3415 Datasheet(PDF) 28 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 28 Page - ams AG

Back Button AS3415 Datasheet HTML 24Page - ams AG AS3415 Datasheet HTML 25Page - ams AG AS3415 Datasheet HTML 26Page - ams AG AS3415 Datasheet HTML 27Page - ams AG AS3415 Datasheet HTML 28Page - ams AG AS3415 Datasheet HTML 29Page - ams AG AS3415 Datasheet HTML 30Page - ams AG AS3415 Datasheet HTML 31Page - ams AG AS3415 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
AS3415/AS3435 – 28
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
Parameter
VBAT=1.5V, TA= 25ºC, CMICS = 10μF, CMICSF = 22μF and RMICSF =
220Ω unless otherwise specified.
Figure 28:
Microphone Supply Parameter
Microphone Supply Parameter: This table shows the detailed electrical characteristics of the microphone
supply.
Figure 29:
Microphone Supply Load Characteristic
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VMICS
Microphone Supply
Voltage
VBAT = 1.8V, no load
3.2
V
VBAT = 1.5V, no load
2.9
V
VBAT = 1.0V, no load
2.4
V
IMICS
Block Current
Consumption
VBAT = 1.8V, no load
500
μA
VBAT = 1.5V, no load
410
μA
VBAT = 1.0V, no load
300
μA
Ityp.
Typical current
consumption
500μA load
1.9
mA
VNoise-A
Microphone Supply
Noise
A-Weighted, 500μA load
1.1
μV
A-Weighted, 500μA load, only
CMICS assembled
5,3
μV
Microphone Supply Load
Characteristic: This diagram shows
output voltage of the microphone
supply vs. output load on the
microphone supply.
0
1
2
3
12
34
Iload [mA]
VBAT=1.0V
VBAT=1.5V
VBAT=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com