Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3415 Datasheet(PDF) 70 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 70 Page - ams AG

Back Button AS3415 Datasheet HTML 66Page - ams AG AS3415 Datasheet HTML 67Page - ams AG AS3415 Datasheet HTML 68Page - ams AG AS3415 Datasheet HTML 69Page - ams AG AS3415 Datasheet HTML 70Page - ams AG AS3415 Datasheet HTML 71Page - ams AG AS3415 Datasheet HTML 72Page - ams AG AS3415 Datasheet HTML 73Page - ams AG AS3415 Datasheet HTML 74Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
AS3415/AS3435 – 70
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
Re g i st e r De sc rip t ion
Figure 89:
ANC_L3 Register Description
5:0
MICR_VOL_OTP2<6:0>
000 0000
R/W
Volume settings for left microphone input,
adjustable in 63 steps of 0.5dB
00 0000: MUTE
00 0001: 0.5dB gain
00 0010: 1dB gain
00 0011: 1.5dB gain
…
11 1110: 30.5dB gain
11 1111: 31dB gain
Name
Address
Default Value
ANC_L3
0x12
80h
The ANC_L3 Register configures the gain for the left microphone input. This register is the second alternative
microphone gain register for OTP programming in case the ANC_L and ANC_L2 registers are already
programmed.
Bit
Bit Name
Default
Access
Bit Description
7
TEST_BIT_6
1
R
Test register. Please do not write this register.
5:0
MICL_VOL_OTP3<6:0>
000 0000
R/W
Volume settings for left microphone input,
adjustable in 63 steps of 0.5dB
00 0000: MUTE
00 0001: 0.5dB gain
00 0010: 1dB gain
00 0011: 1.5dB gain
…
11 1110: 30.5dB gain
11 1111: 31dB gain
Name
Address
Default Value
ANC_R2
0x11
00h
The ANC_R2 Register configures the gain for the right microphone input. This register is the first alternative
microphone gain register for OTP programming in case the ANC_R register is already programmed.
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com