Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3415 Datasheet(PDF) 75 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 75 Page - ams AG

Back Button AS3415 Datasheet HTML 71Page - ams AG AS3415 Datasheet HTML 72Page - ams AG AS3415 Datasheet HTML 73Page - ams AG AS3415 Datasheet HTML 74Page - ams AG AS3415 Datasheet HTML 75Page - ams AG AS3415 Datasheet HTML 76Page - ams AG AS3415 Datasheet HTML 77Page - ams AG AS3415 Datasheet HTML 78Page - ams AG AS3415 Datasheet HTML 79Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 75
Reg i st er Description
Figure 94:
ECO Register Description
Name
Address
Default Value
ECO
0x17
0x00
This register controls the economic (ECO) mode for all analog audio blocks. Furthermore it includes also LED
control and other general settings.
Bit
Bit Name
Default
Access
Bit Description
7
SLIDE_PWR_UP
0
R/W
This bit enables the slide switch control mode of
the AS3515/35. If this bit is programmed the device
can be powered up and powered down via a slide
switch.
0: Slide switch control disabled
1: Slide switch control enabled
6LOWBAT _100
0
R/W
This bit increases the LED low battery indication
level by 100mV.
0: Default LED indication level (0.95V)
1: Increased LED indication level (1.05V)
5:4
ILED<1:0>
00
R/W
This register defines the driving strength of the ILED
pin for LED control.
00: Current sink switched off
01: 25%
10: 50%
11: 100%
3
ENABLE_HPH_ECO
0
R/W
This bit enables the eco mode of the headphone
amplifier.
0: Power save function disabled
1: Power save function enabled
2ENABLE_MIC_ECO
0
R/W
This bit enables the eco mode of the microphone
amplifier.
0: Power save function disabled
1: Power save function enabled
1
ENABLE_LIN_ECO
0
R/W
This bit enables the eco mode of the line input
amplifier.
0: Power save function disabled
1: Power save function enabled
0
ENABLE_OPAMP_ECO
0
R/W
This bit enables the eco mode of the operational
amplifier amplifiers for ANC filter design.
0: Power save function disabled
1: Power save function enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com