Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3415 Datasheet(PDF) 55 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 55 Page - ams AG

Back Button AS3415 Datasheet HTML 51Page - ams AG AS3415 Datasheet HTML 52Page - ams AG AS3415 Datasheet HTML 53Page - ams AG AS3415 Datasheet HTML 54Page - ams AG AS3415 Datasheet HTML 55Page - ams AG AS3415 Datasheet HTML 56Page - ams AG AS3415 Datasheet HTML 57Page - ams AG AS3415 Datasheet HTML 58Page - ams AG AS3415 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 55
Detaile d Desc rip t ion
Timing is important, to avoid latch-up, when using an external
buffer and switching on the ANC device. The timing diagram in
Figure 70 shows that it is important that there is a certain delay
requirement between VBAT and the MODE /CSCL pin. This delay
is mandatory in order to guarantee that the device starts up
properly. The MODE /CSCL pin powers up the ANC device. The
whole sequence to power up the internal charge pump of the
AS3415/35 takes approximately 1ms. Once VNEG is settled the
external VNEG buffer (e.g. power supply) can be enabled in order
to support the charge pump especially during the trim process
which can now be started.
Figure 70:
Timing Diagram VNEG Buffering
VNEG Buffer Timing: This timing diagram shows how to buffer the VNEG supply during the OTP programming
process.
To guarantee a successful trimming process it is important to
follow the predefined trimming sequence shown in Figure 71
exactly. As a first step it is important to do a register dump of
all OTP registers. This register backup in your system memory
is a backup of all register settings and is necessary for
verification after the trim process to make sure that all bits are
trimmed correctly. Once the register dump has been done it is
important to check registers 0x30 and 0x31. These registers
typically indicate if the device is already trimmed or not. If both
registers have the value 0x80 you can enter the trim mode and
start the trimming process. Once trimming is done, the most
important step is comparing the values trimmed to the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com