Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3415 Datasheet(PDF) 49 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 49 Page - ams AG

Back Button AS3415 Datasheet HTML 45Page - ams AG AS3415 Datasheet HTML 46Page - ams AG AS3415 Datasheet HTML 47Page - ams AG AS3415 Datasheet HTML 48Page - ams AG AS3415 Datasheet HTML 49Page - ams AG AS3415 Datasheet HTML 50Page - ams AG AS3415 Datasheet HTML 51Page - ams AG AS3415 Datasheet HTML 52Page - ams AG AS3415 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 49
Detaile d Desc rip t ion
VNEG Charge Pump
The VNEG charge pump uses one external 1μF ceramic capacitor
(CFLY) to generate a negative supply voltage out of the battery
input voltage to supply all audio related blocks. This allows a
true-ground headphone output with no more need of external
DC-decoupling capacitors.
Figure 63:
VNEG Charge Pump
VNEG Charge Pump: This figure shows the block diagram of the VNEG charge pump that supplies all audio blocks
of the AS3415/35.
The charge pump typically requires an additional input
capacitor, CVBAT of 10μF and output capacitor, CVNEG, with the
same size as the input capacitor. The flying capacitor, CFLY,
should be 1μF. If hybrid operation is desired, which means two
ANC chips are working in parallel, it is possible to disable the
VNEG charge pump and share one charge pump for both chips.
This should help to reduce the system power consumption of
the headset.
Parameter
VBAT=1.5V, TA= 25ºC, unless otherwise specified.
Figure 64:
VNEG Charge Pump Parameter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input voltage
VBAT
1.0
1.5
1.8
V
VOUT
Output voltage
VNEG
-0.7
-1.5
-1.8
V
CFLY
External flying capacitor
1
μF
CVBAT
VBAT input capacitor
10
μF
CVNEG
VNEG output capacitor
10
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com