Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3415 Datasheet(PDF) 35 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 35 Page - ams AG

Back Button AS3415 Datasheet HTML 31Page - ams AG AS3415 Datasheet HTML 32Page - ams AG AS3415 Datasheet HTML 33Page - ams AG AS3415 Datasheet HTML 34Page - ams AG AS3415 Datasheet HTML 35Page - ams AG AS3415 Datasheet HTML 36Page - ams AG AS3415 Datasheet HTML 37Page - ams AG AS3415 Datasheet HTML 38Page - ams AG AS3415 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 35
Detaile d Desc rip t ion
Integrated Music Bypass Switch
If the AS3415/35 is switched off the device features a unique
feature which is integrated bypass switches. These switches can
be used in place of a mechanical switch to bypass the ANC
chipset in off mode or if the headset runs out of battery.
Figure 39 shows the basic music playback path of the
AS3415/35 with a full battery. In this mode the line input
amplifier is enabled as well as the headphone amplifier. The
integrated bypass switches are disabled if the device is
powered.
Figure 39:
Bypass Mode Inactive
Bypass Mode Inactive: This block diagram shows the general music playback path of AS3515/35 with the
integrated music bypass switches disabled.
Figure 40 shows the AS3415/35 in off mode with an empty
battery. This is basically the same use case as no battery at all.
In this mode the internal bypass switch becomes active. The
line input amplifier and the headphone amplifier are not
powered because the headset has run out of battery and the
bypass switch is active. Thus the music signal coming from the
3.5mm audio jack is routed through the ANC chipset without
any power source connected to the device.
Integrated Bypass Switch:
The integrated bypass switch works even
without any battery connected to the
device. It helps to reduce BOM costs and
PCB area. Furthermore it facilitates new
industrial designs to ANC solutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com