Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3415 Datasheet(PDF) 53 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 53 Page - ams AG

Back Button AS3415 Datasheet HTML 49Page - ams AG AS3415 Datasheet HTML 50Page - ams AG AS3415 Datasheet HTML 51Page - ams AG AS3415 Datasheet HTML 52Page - ams AG AS3415 Datasheet HTML 53Page - ams AG AS3415 Datasheet HTML 54Page - ams AG AS3415 Datasheet HTML 55Page - ams AG AS3415 Datasheet HTML 56Page - ams AG AS3415 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 53
Detaile d Desc rip t ion
The principle for writing to a register is basically the same. The
only difference is the configuration of the OTP_MODE register,
shown in Figure 67. The first step is to enable the OTP_MODE
register by setting the EVAL_REG_ON register to ‘1’. The next
step is to configure the OTP_MODE register to ‘10’ in order to
select OTP write access. Now you can start writing to any OTP
register inside the AS3415/35.
Figure 67:
OTP Write Access Flow Chart
OTP Write Access Flow Chart: This flow chart shows how to successfully write to an OTP register via the I²C or
production trimming interface.
If you want to read out the OTP fuse content the OTP load
function is necessary. In order to load the OTP fuse content to
the OTP registers, a special sequence is necessary, as shown in
Figure 68.
Figure 68:
OTP Load Access Flow Chart
OTP Load Access Flow Chart: This flow chart shows how to successfully load the OTP fuse content back to the
OTP register via the I²C or production trimming interface.
Set bit EVAL_REG_ON in
register 0x20
Set OTP_MODE
register to ‘10‘b
Write to desired
OTP register
Set bit EVAL_REG_ON in
register 0x20
Set OTP_MODE
register to ‘01‘b
Dummy read from
Register 0x30
Wait 15ms
Dummy read from
Register 0x34
Wait 15ms
Dummy read from
Register 0x10
Wait 15ms
Dummy read from
Register 0x14
OTP registers are
succeffully loaded with OTP Fuses content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com