Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3415 Datasheet(PDF) 62 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 62 Page - ams AG

Back Button AS3415 Datasheet HTML 58Page - ams AG AS3415 Datasheet HTML 59Page - ams AG AS3415 Datasheet HTML 60Page - ams AG AS3415 Datasheet HTML 61Page - ams AG AS3415 Datasheet HTML 62Page - ams AG AS3415 Datasheet HTML 63Page - ams AG AS3415 Datasheet HTML 64Page - ams AG AS3415 Datasheet HTML 65Page - ams AG AS3415 Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
AS3415/AS3435 – 62
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
In order to change the data direction a repeated START
condition is issued on the 1st SCL pulse after the acknowledge
bit of the word address transfer. After the reception of the
device-read address, the slave becomes the transmitter. In this
state the slave transmits register data located by the previous
received word address vector. The master responds to the data
byte with a not-acknowledge, and issues a STOP condition on
the bus.
Figure 80:
Sequential Read
Sequential Read is the extended form of Random Read, as more
than one register-data bytes are transferred subsequently.
Different from the Random Read, for a sequential read, the
transferred register-data bytes are responded with an
acknowledge from the master. The number of data bytes
transferred in one sequence is unlimited (consider the behavior
of the word-address counter). To terminate the transmission the
master has to send a not-acknowledge following the last data
byte and then generate the STOP condition.
Figure 81:
Current Address Read
S
DW
A
WA
A
N
A
read register
WA++
data
Sr
DR
P
reg_data 2
A
read register
WA++
reg_data n
...
A
read register
WA++
S
N
A
read register
WA++
data
DR
P
reg_data 2
A
read register
WA++
reg_data n
...
A
read register
WA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com