Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3415 Datasheet(PDF) 73 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 73 Page - ams AG

Back Button AS3415 Datasheet HTML 69Page - ams AG AS3415 Datasheet HTML 70Page - ams AG AS3415 Datasheet HTML 71Page - ams AG AS3415 Datasheet HTML 72Page - ams AG AS3415 Datasheet HTML 73Page - ams AG AS3415 Datasheet HTML 74Page - ams AG AS3415 Datasheet HTML 75Page - ams AG AS3415 Datasheet HTML 76Page - ams AG AS3415 Datasheet HTML 77Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 73
Reg i st er Description
Figure 92:
MONITOR_MODE Register Description
Name
Address
Default Value
MONITOR_MODE
0x15
00h
The MONITOR_MODE register controls various settings for the chipset in monitor mode like line input monitor
mode attenuation as well as which audio inputs are active.
Bit
Bit Name
Default
Access
Bit Description
7:6
MON_HPH_MUX<1:0>
00
R/W
This register selects the ANC input source for the
headphone amplifier in monitor mode. Depending
on the register setting the outputs of microphone
preamplifier, OPAMP1, OPAMP2 can be connected
to the headphone amplifier input.
00: QMIC outputs are connected to HPH input
01: OP1 outputs are connected to HPH input
10: OP2 outputs are connected to HPH input
11: Nothing connected to HPH input except line
input and mixer input in case they are enabled.
6
MON_LIN_MUTE
0
R/W
This bit defines the status of the line input mute
switch in monitor mode. If the bit is set to ‘1’ the
line input amplifier is disconnected from the
headphone amplifier.
0: Line Input Mute disabled
1: Line Input Mute enabled
5
MON_MIX_ENABLE
0
R/W
This bit enables the headphone mixer input pin to
mix external signals to the headphone amplifier in
playback only mode.
0: HPH mixer input disabled
1: HPH mixer input enabled
3:2
MON_LIN_ATT<1:0>
00
R/W
This register controls the line put gain in monitor
mode. Per default the line input is muted. With this
register it can be attenuated from -30dB up to
-36dB in 6dB steps.
00: 0dB line input gain in monitor mode
01: -24dB line input gain in monitor mode
10: -30dB line input gain in monitor mode
11: -36dB line input gain in monitor mode
1
SLIDER_MON
0
R/W
This bit enables the Full Slider Mode configuration.
Please mind that this bit must not be set without
setting SLIDE_PWR_UP to ‘1’.
0: Slider Mode activated
1: Full Slider Mode activated
0
DISABLE_MONITOR
0
R/W
This bit disables the monitor mode in push button
control mode.
0: Monitor mode enabled
1: Monitor mode disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com