Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3415 Datasheet(PDF) 20 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 20 Page - ams AG

Back Button AS3415 Datasheet HTML 16Page - ams AG AS3415 Datasheet HTML 17Page - ams AG AS3415 Datasheet HTML 18Page - ams AG AS3415 Datasheet HTML 19Page - ams AG AS3415 Datasheet HTML 20Page - ams AG AS3415 Datasheet HTML 21Page - ams AG AS3415 Datasheet HTML 22Page - ams AG AS3415 Datasheet HTML 23Page - ams AG AS3415 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 102 page
background image
AS3415/AS3435 – 20
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
Microphone Inputs
The AS3415/35 offers two low noise microphone inputs with
full digital control and a dedicated DC offset cancellation pin
for each microphone input. In total each gain stage offers up to
63 gain steps of 0.5dB resulting in a gain range from 0dB to
+31dB. The microphone gain is stored digitally during
production, in OTP on the ANC chipset. Besides the standard
microphone gain register for left and right channel, the chip
also features two additional microphone gain registers for
monitor mode. Thus, in monitor mode, a completely different
gain setting for left and right microphone can be selected to
implement voice filter functions to amplify the speech band for
better intelligibility.
Figure 19:
Stereo Microphone Input
Stereo Microphone Input: This diagram shows the internal structure of the stereo microphone preamplifier
including the mute switch as well as the automatic gain control (AGC).
To avoid unwanted start-up pop noise, a soft-start function is
implemented for an automatic gain ramping of the device. In
case of an overload condition on the microphone input (e.g.
high sound pressure level), an internal state machine reduces
the microphone gain automatically. For some designs it might
be useful to switch off this feature. Especially in feed-back
systems very often infrasound can cause an overload condition
of the microphone preamplifier which results in low frequency
noise which can be avoided by disabling the AGC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com