Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3415 Datasheet(PDF) 45 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 45 Page - ams AG

Back Button AS3415 Datasheet HTML 41Page - ams AG AS3415 Datasheet HTML 42Page - ams AG AS3415 Datasheet HTML 43Page - ams AG AS3415 Datasheet HTML 44Page - ams AG AS3415 Datasheet HTML 45Page - ams AG AS3415 Datasheet HTML 46Page - ams AG AS3415 Datasheet HTML 47Page - ams AG AS3415 Datasheet HTML 48Page - ams AG AS3415 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 45
Detaile d Desc rip t ion
Slider Mode
Slider Mode is similar to Full Slider Mode with the only
difference that it is possible to use a push button (S3) to enable
and disable the Monitor Mode. Be aware that for Slider Mode
operation bit SLIDE_PWR_UP has to be set to ‘1’ and the
SLIDER_MON bit has to be set to ‘0’.
Figure 56:
Slider Mode
Slider Mode: The diagram shows the external connection of the switches and push button in slider mode.
The advantage of this mode compared to Full Slider Mode is the
automatic hold function of the Monitor Mode. Once the push
button S3 is pressed the device enters monitor mode. This mode
stays active until the user pushes the button again.
Figure 57:
Slider Mode Timing Diagram
Slider Mode Timing Diagram: The diagram shows the necessary voltages and timings for different operation
modes in Slider Mode configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com