Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3415 Datasheet(PDF) 80 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 80 Page - ams AG

Back Button AS3415 Datasheet HTML 76Page - ams AG AS3415 Datasheet HTML 77Page - ams AG AS3415 Datasheet HTML 78Page - ams AG AS3415 Datasheet HTML 79Page - ams AG AS3415 Datasheet HTML 80Page - ams AG AS3415 Datasheet HTML 81Page - ams AG AS3415 Datasheet HTML 82Page - ams AG AS3415 Datasheet HTML 83Page - ams AG AS3415 Datasheet HTML 84Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 102 page
background image
AS3415/AS3435 – 80
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
Re g i st e r De sc rip t ion
Evaluation Registers
Figure 101:
EVAL Register Description
Name
Address
Default Value
EVAL
0x3D
0x00
This register enables miscellaneous operating modes, that are typically controlled via slide switch or push
button, for evaluation purposes or MCU controlled applications.
Bit
Bit Name
Default
Access
Bit Description
7
EVAL_ON
0
R/W
Function to be defined.
5MASTER_LIN_MUTE
0
R/W
This register is the master register for the line input
mute function. No matter in what operating mode
the device is working the LINE_MUTE bit overrules
any other setting in any operation mode.
0: Line Input master mute disabled
1: Line Input master mute enabled
4
MASTER_MIX_ENABLE
0
R/W
This register is the master register for the mixer input
function. No matter in what operating mode the
device is working the MASTER_MIX_ENABLE bit
overrules any other setting in any operation mode.
0: Line Input master mute disabled
1: Line Input master mute enabled
3
MON_MODE
0
R/W
This bit enables the monitor mode of AS3415/35
which can normally be enabled by pulling the MODE
pin to VBAT/2. In case an MCU is connected to the
device the Monitor mode can be enabled by setting
this bit.
0: Monitor mode deactivated
1: Monitor mode activated
2
PBO_MODE
0
R/W
This bit enables the playback mode of AS3415/35
which can normally be enabled by pulling the ANC
pin to 0V. In case an MCU is connected to the device
the Monitor mode can be enabled by setting this bit.
0: Monitor mode deactivated
1: Monitor mode activated
1MICL_MUTE
0
R/W
This register is the master mute register for the left
microphone amplifier. No matter in what operating
mode the device is working the MICL_MUTE bit
overrules any other setting in any operation mode.
0: Mute disabled
1: Mute enabled
0MICR_MUTE
0
R/W
This register is the master mute register for the left
microphone amplifier. No matter in what operating
mode the device is working the MICR_MUTE bit
overrules any other setting in any operation mode.
0: Mute disabled
1: Mute enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com