Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3415 Datasheet(PDF) 23 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 23 Page - ams AG

Back Button AS3415 Datasheet HTML 19Page - ams AG AS3415 Datasheet HTML 20Page - ams AG AS3415 Datasheet HTML 21Page - ams AG AS3415 Datasheet HTML 22Page - ams AG AS3415 Datasheet HTML 23Page - ams AG AS3415 Datasheet HTML 24Page - ams AG AS3415 Datasheet HTML 25Page - ams AG AS3415 Datasheet HTML 26Page - ams AG AS3415 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 23
Detaile d Desc rip t ion
Figure 22:
Simulated Microphone Frequency Response
In application with PCB space limitations it is also possible to
remove the capacitors CAC and connect MICACL and MICACR
pins directly to AGND. In this configuration AC coupling of the
QMICR and QMICL signals is recommended.
Microphone Frequency Response: This
graph shows the frequency response of
the microphone preamplifier with
different gain settings with CAC=10μF,
CMIC=2.2μF and RMICIN=22kΩ.
-5
0
5
10
15
20
25
30
35
10
100
1k
10k
f [Hz]
0dB
6dB
12dB
18dB
24dB
30dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com